Part Number Hot Search : 
AKD43 1N4728 CD22357A 000WD FD668 AM6080 1N6066 T824R25
Product Description
Full Text Search
 

To Download S8050 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  any changing of specification will not be informed individual S8050 npn silicon plastic-encapsulate transistors complimentary to s8550 collector current: ic=0.5a features collector base emitter dim min max a 2.800 3.040 b 1.200 1.400 c 0.890 1.110 d 0.370 0.500 g 1.780 2.040 h 0.013 0.100 j 0.085 0.177 k 0.450 0.600 l 0.890 1.020 s 2.100 2.500 v 0.450 0.600 all dimension in mm sot-23 k j c h l a b s g v 3 1 2 d top view http://www.secosgmbh.com elektronische bauelemente 1 2 3 01 -jun-2007 rev. a page 1 of 2 m a r k i n g : j 3 y m a x i m u m r a t i n g s ( t a = 2 5 c o u n l e s s o t h e r w i s e n o t e d ) s y m b o l p a r a mete r v a lue u n i t s v cbo coll ector-bas e v o lt age 40 v v ce o coll ector-emitter v o lt age 25 v v eb o emitter-base v o lt ag e 5 v i c coll ector curr e n t -contin uo us 0.5 a p c coll ector dissi p a tio n 0.3 w t j junctio n t e mperature 150 t st g s t orage t e mpe r ature -55-1 50 electrical chara cteristics (t amb=25 unless other w is e specified) p a r a m e t e r s y m b o l t e s t c o n d i t i o n s m i n t y p m a x u n i t c o l l e c t o r - b a s e b r e a k d o w n v o l t a g e v ( b r ) c b o i c = 1 0 0 | a , i e = 0 4 0 v c o l l e c t o r - e m i t t e r b r e a k d o w n v o l t a g e v ( b r ) c e o i c = 1 m a , i b = 0 2 5 v e m i t t e r - b a s e b r e a k d o w n v o l t a g e v ( b r ) e b o i e = 1 0 0 | a , i c = 0 5 v c o l l e c t o r c u t - o f f c u r r e n t i c b o v c b = 4 0 v , i e = 0 0 . 1 | a c o l l e c t o r c u t - o f f c u r r e n t i c e o v c b = 2 0 v , i e = 0 0 . 1 | a e m i t t e r c u t - o f f c u r r e n t i e b o v e b = 5 v , i c = 0 0 . 1 | a h f e ( 1 ) v c e = 1 v , i c = 5 0 m a 1 2 0 3 5 0 d c c u r r e n t g a i n h f e ( 2 ) v c e = 1 v , i c = 5 0 0 m a 5 0 c o l l e c t o r - e m i t t e r s a t u r a t i o n v o l t a g e v c e ( s a t ) i c = 5 0 0 m a , i b = 5 0 m a 0 . 6 v b a s e - e m i t t e r s a t u r a t i o n v o l t a g e v b e ( s a t ) i c = 5 0 0 m a , i b = 5 0 m a 1 . 2 v t r a n s i t i o n f r e q u e n c y f t v c e = 6 v , i c = 2 0 m a f = 3 0 m h z 1 5 0 m h z rohs compliant product a suffix of "-c" specifies halogen & lead-free
  http://www.secosgmbh.com elektronische bauelemente typic al chara cter i st ics 01 -jun-2007 rev. a page 2 of 2 any changing of specification will not be informed individual S8050 npn silicon plastic-encapsulate transistors classific a tion of h fe(1) rank l h range 120- 200 200- 350


▲Up To Search▲   

 
Price & Availability of S8050

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X